Part Number Hot Search : 
CS5102A IDTP9120 945ETTS AG01Z AEL60 TDA3845T 501B2 PST3139
Product Description
Full Text Search
 

To Download 2SC5707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sa2040/2SC5707 no.6913-1/10 applications ? dc / dc converter, relay drivers, lamp drivers, motor drivers, ash features ? adoption of fbet and mbit processes ? large current capacitance ? low collector-to-emitter saturation voltage ? high-speed switching ? high allowable power dissipation speci cations ( ): 2sa2040 absolute maximum ratings at ta=25c parameter symbol conditions ratings unit collector-to-base voltage v cbo (--50)100 v collector-to-emitter voltage v ces (--50)100 v collector-to-emitter voltage v ceo (--)50 v emitter-to-base voltage v ebo (--)6 v collector current i c (--)8 a collector current (pulse) i cp (--)11 a continued on next page. package dimensions unit : mm (typ) package dimensions unit : mm (typ) 7518-003 7003-003 ordering number : en6913b 60612 tkim/62405ea msim tb-00001403/30101 tsim ta-3233 sanyo semiconductors data sheet 2sa2040/2SC5707 pnp/npn epitaxial planar silicon transistor high-current switching applications http:// semicon.sanyo.com/en/network product & package information ? package : tp ? package : tp-fa ? jeita, jedec : sc-64, to-251 ? jeita, jedec : sc-63, to-252 ? minimum packing quantity : 500 pcs./bag ? minimum packing quantity : 700 pcs./reel marking packing type (tp-fa) : tl electrical connection (tp, tp-fa) tl 6.5 5.0 2.3 0.5 12 4 3 0.85 0.7 1.2 0.6 0.5 2.3 2.3 7.0 7.5 1.6 0.8 5.5 1.5 1 : base 2 : collector 3 : emitter 4 : collector sanyo : tp 6.5 5.0 2.3 0.5 12 4 3 0.85 0.6 0.5 1.2 1.2 2.3 2.3 7.0 2.5 5.5 1.5 0.8 0 to 0.2 1 : base 2 : collector 3 : emitter 4 : collector sanyo : tp-f a 2sa2040-e 2SC5707-e 2sa2040-tl-e 2SC5707-tl-e a2040 c5707 lot no. lot no. 2,4 3 1 2SC5707 2,4 3 1 2sa2040
2sa2040/2SC5707 no.6913-2/10 continued from preceding page. parameter symbol conditions ratings unit base current i b (--)2 a collector dissipation p c 1.0 w tc=25 c15w junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb =(--)40v, i e =0a (--)0.1 a emitter cutoff current i ebo v eb =(--)4v, i c =0a (--)0.1 a dc current gain h fe v ce =(--)2v, i c =(--)500ma 200 560 gain-bandwidth product f t v ce =(--)10v, i c =(--)500ma (290)330 mhz output capacitance cob v cb =(--)10v, f=1mhz (50)28 pf collector-to-emitter saturation voltage v ce (sat)1 i c =(--)3.5a, i b =(--)175ma (--230)160 (--390)240 mv v ce (sat)2 i c =(--)2a, i b =(--)40ma (--240)110 (--400)170 mv base-to-emitter saturation voltage v be (sat) i c =(--)2a, i b =(--)40ma (--)0.83 (--)1.2 v collector-to-base breakdown voltage v (br)cbo i c =(--)10 a, i e =0a (--50)100 v collector-to-emitter breakdown voltage v (br)ces i c =(--)100 a, r be =0 (--50)100 v collector-to-emitter breakdown voltage v (br)ceo i c =(--)1ma, r be = (--)50 v emitter-to-base breakdown voltage v (br)ebo i e =(--)10 a, i c =0a (--)6 v turn-on time t on see speci ed test circuit. (40)30 ns storage time t stg (225)420 ns fall time t f 25 ns switching time test circuit ordering information device package shipping memo 2sa2040-e tp 500pcs./bag pb free 2SC5707-e tp 500pcs./bag 2sa2040-tl-e tp-fa 700pcs./reel 2SC5707-tl-e tp-fa 700pcs./reel + + 50 input outpu t v r r b r l v cc =25v 100 f 470 f v be = --5v pw=20 s i b1 i b2 d.c. 1% 20i b1 = --20i b2 =i c =2.5a for pnp, the polarity is reversed.
2sa2040/2SC5707 no.6913-3/10 7 6 5 4 3 2 1 0.4 0.8 1.2 1.6 2.0 0 0 i c -- v ce i b =0ma -- 7 -- 6 -- 5 -- 4 -- 3 -- 2 -- 1 0 0 --0.4 --0.8 --1.2 --1.6 --2.0 i c -- v ce --10ma --20ma --30ma --40ma --50ma --60ma --70ma --80ma --90ma --100ma 10ma 20ma 30ma 40ma 50ma 60ma 70ma 80ma 90ma 100ma i b =0ma it00206 it00207 2SC5707 2sa2040 collector-to-emitter voltage, v ce -- v collector current, i c -- a collector-to-emitter voltage, v ce -- v collector current, i c -- a 8 7 6 5 4 3 2 1 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 i c -- v be 2SC5707 v ce =2v ta=75 c 25 c --25 c ta=75 c 25 c --25 c 2sa2040 v ce = --2v -- 8 -- 7 -- 6 -- 5 -- 4 -- 3 -- 2 -- 1 0 0 --0.2 --0.4 --0.6 --0.8 --1.4 --1.0 --1.2 i c -- v be it00208 it00209 base-to-emitter voltage, v be -- v collector current, i c -- a base-to-emitter voltage, v be -- v collector current, i c -- a --1000 --100 2 3 5 7 2 3 5 7 2 3 5 7 --1.0 --10 --0.01 --0.1 23 57 23 57 23 57 --1.0 --10 v ce (sat) -- i c ta=75 c 25 c -- 2 5 c it00212 2sa2040 i c / i b =20 1000 100 2 3 5 7 2 3 5 7 10 2 3 5 7 1.0 0.01 0.1 23 57 23 57 23 57 1.0 10 v ce (sat) -- i c ta=75 c --25 c it00214 2SC5707 i c / i b =20 ta=75 c 25 c --25 c 1000 100 7 5 3 2 7 5 3 2 10 --0.01 3 25 --10 --0.1 73 257 3 257 --1.0 h fe -- i c 2sa2040 v ce = --2v it00210 1000 100 7 5 3 2 7 5 3 2 10 0.01 3 25 10 0.1 73 257 3 257 1.0 h fe -- i c ta=75 c --25 c 25 c 2SC5707 v ce =2v it00211 collector current, i c -- a dc current gain, h fe collector current, i c -- a dc current gain, h fe collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- mv collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- mv 25 c
2sa2040/2SC5707 no.6913-4/10 --0.01 --0.1 23 57 23 57 23 57 --1.0 --10 --10000 7 5 3 2 7 5 3 2 --1000 7 5 3 2 --10 --100 v ce (sat) -- i c it00213 ta=75 c 25 c --25 c 2sa2040 i c / i b =50 0.01 0.1 23 57 23 57 23 57 1.0 10 10000 1000 7 5 3 2 7 5 3 2 7 5 3 2 100 10 v ce (sat) -- i c it00215 t a=75 c 25 c -- 2 5 c 2SC5707 i c / i b =50 collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- mv collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- mv 10000 1000 100 0.01 0.1 1.0 10 ta= --25 c 25 c 75 c 7 5 3 2 7 5 3 2 23 57 23 57 23 57 2SC5707 i c / i b =50 v be (sat) -- i c it00217 v be (sat) -- i c --10000 --1000 --100 --0.01 --0.1 --1.0 --10 ta= --25 c 25 c 75 c 7 5 3 2 7 5 3 2 23 57 23 57 23 57 2sa2040 i c / i b =50 it00216 collector current, i c -- a base-to-emitter saturation voltage, v be (sat) -- mv collector current, i c -- a base-to-emitter saturation voltage, v be (sat) -- mv f t -- i c 7 3 100 10 2 5 1000 7 5 3 2 --0.01 257 73 257 3257 3 --0.1 --1.0 --10 5 it00220 2sa2040 v ce = --10v f t -- i c 7 3 100 10 2 5 1000 7 5 3 2 0.01 257 73 257 3257 3 0.1 1.0 10 5 it00221 2SC5707 v ce =10v cob -- v cb 5 3 2 7 5 3 2 2 7 5 3 100 10 0.1 23 3 3 57 7 57 1.0 2 10 2 55 it00219 2SC5707 f=1mhz cob -- v cb 5 3 2 7 5 3 2 2 7 5 3 100 10 5 --0.1 23 3 77 5237 5 --1.0 --10 25 it00218 2sa2040 f=1mhz collector current, i c -- a collector current, i c -- a gain-bandwidth product, f t -- mhz gain-bandwidth product, f t -- mhz collector-to-base voltage, v cb -- v output capacitance, cob -- pf collector-to-base voltage, v cb -- v output capacitance, cob -- pf
2sa2040/2SC5707 no.6913-5/10 0 1.2 1.0 0.8 0.6 0.4 0.2 20 060 40 80 100 140 120 160 p c -- ta it02972 a s o 10 1.0 0.01 2 7 5 3 2 7 5 3 2 0.1 7 5 3 2 1.0 0.1 10 100 25 37 25 37 25 37 it02971 100ms 10ms 1ms 500 s 100 s 2sa2040 / 2SC5707 dc operation (ta=25 c) dc operation (tc=25 c) ambient temperature, ta -- c collector dissipation, p c -- w collector current, i c -- a collector-to-emitter voltage, v ce -- v 2sa2040 / 2SC5707 tc=25 c single pulse for pnp, the minus sign(--)is omitted no heat sink i cp =11a i c =8a 18 0 16 14 15 8 10 6 4 2 12 20 060 40 80 100 140 120 160 p c -- tc it02973 2sa2040 / 2SC5707 case temperature, tc -- c collector dissipation, p c -- w
2sa2040/2SC5707 no.6913-6/10 taping speci cation 2sa2040-tl-e, 2SC5707-tl-e
2sa2040/2SC5707 no.6913-7/10 outline drawing land pattern example 2sa2040-tl-e, 2SC5707-tl-e mass (g) unit 0.282 * for reference mm unit: mm 7.0 1.5 2.3 2.0 2.5 2.3 7.0
2sa2040/2SC5707 no.6913-8/10 bag packing speci cation 2sa2040-e, 2SC5707-e
2sa2040/2SC5707 no.6913-9/10 outline drawing 2sa2040-e, 2SC5707-e mass (g) unit 0.315 * for reference mm
2sa2040/2SC5707 no.6913-10/10 ps this catalog provides information as of june, 2012. speci cations and information herein are subject to change without notice. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. regarding monolithic semiconductors, if you should intend to use this ic continuously under high temperature, high current, high voltage, or drastic temperature change, even if it is used within the range of absolute maximum ratings or operating conditions, there is a possibility of decrease reliability. please contact us for a confirmation. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.


▲Up To Search▲   

 
Price & Availability of 2SC5707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X